Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA335BWSQS Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STA335BWSQS
Description  2.1-channel, high-efficiency digital audio system with QSound QHD®
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWSQS Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STA335BWSQS Datasheet HTML 34Page - STMicroelectronics STA335BWSQS Datasheet HTML 35Page - STMicroelectronics STA335BWSQS Datasheet HTML 36Page - STMicroelectronics STA335BWSQS Datasheet HTML 37Page - STMicroelectronics STA335BWSQS Datasheet HTML 38Page - STMicroelectronics STA335BWSQS Datasheet HTML 39Page - STMicroelectronics STA335BWSQS Datasheet HTML 40Page - STMicroelectronics STA335BWSQS Datasheet HTML 41Page - STMicroelectronics STA335BWSQS Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
Register description
STA335BWSQS
38/70
For each configuration the PWM from the digital driver are mapped in different way to the
power stage:
2.0 channels, two full bridges (OCFG = 00)
"
DDX1A OUT1A
"
DDX1B OUT1B
"
DDX2A OUT2A
"
DDX2B OUT2B
"
DDX3A OUT3A
"
DDX3B OUT3B
"
DDX4A OUT4A
"
DDX4B OUT4B
"
DDX1A/1B configured as ternary
"
DDX2A/2B configured as ternary
"
DDX3A/3B configured as line-out ternary
"
DDX4A/4B configured as line-out ternary
On channel 3 line out (LOC bits = 00) the same data as channel 1 processing are sent. On
channel 4 line out (LOC bits = 00) the same data as channel 2 processing are sent. In this
configuration, no volume control or EQ have effect on channel 3 and 4.
In this configuration the PWM slot phase is the following as shown in the next figures.
Figure 13.
2.0 channels (OCFG = 00) PWM slots
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT4A
OUT4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70