| Moteur de recherche de fiches techniques de composants électroniques |
|
STA335BWSQS Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA335BWSQS Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 70 page ![]() Pin list STA335BWSQS 12/70 2 Pin list 2.1 Pinout diagram Figure 2. Pins of PowerSSO-36 (top view) 2.2 Pin description 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 VDD_DIG GND_DIG SCL SDA INT_LINE RESET SDI LRCKI BICKI XTI PLL_GND FILTER_PLL VDD_PLL PWRDN GND_DIG VDD_DIG TWARN/OUT4B EAPD/OUT4A GND_SUB SA TEST_MODE VSS VCC_REG OUT2B GND2 VCC2 OUT2A OUT1B VCC1 GND1 OUT1A GND_REG VDD CONFIG OUT3B/DDX3B OUT3A/DDX3A D05AU1638 Table 2. Pin description Pin Type Name Description 1 GND GND_SUB Substrate ground 2I SA I2C select address 3 I TEST_MODE This pin must be connected to ground 4 I/O VSS Internal reference at Vcc - 3.3 V 5 I/O VCC_REG Internal Vcc reference 6 O OUT2B Output half bridge 2B 7 GND GND2 Power negative supply 8 Power VCC2 Power positive supply |