| Moteur de recherche de fiches techniques de composants électroniques |
|
TC387 Fiches technique(PDF) 14 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC387 Fiches technique(HTML) 14 Page - Infineon Technologies AG |
|
14 / 416 page ![]() TC38x AD/AE-Step Pin Definition and Functions BGA516 Package Variant Pin Configuration Data Sheet 14 V 1.2, 2021-03 2.1 BGA516 Package Variant Pin Configuration Table 2-1 Port 00 Functions Ball Symbol Ctrl. Buffer Type Function M6 P00.0 I FAST / PU1 / VEXT / ES General-purpose input GTM_TIM5_IN4_10 Mux input channel 4 of TIM module 5 GTM_TIM3_IN0_1 Mux input channel 0 of TIM module 3 GTM_TIM2_IN0_1 Mux input channel 0 of TIM module 2 CCU61_CTRAPA Trap input capture CCU60_T12HRE External timer start 12 MSC0_INJ0 Injection signal from port GETH_MDIOA MDIO Input P00.0 O0 General-purpose output GTM_TOUT9 O1 GTM muxed output IOM_REF0_9 Reference input 0 ASCLIN3_ASCLK O2 Shift clock output ASCLIN3_ATX O3 Transmit output IOM_MON2_15 Monitor input 2 IOM_REF2_15 Reference input 2 —O4 Reserved CAN10_TXD O5 CAN transmit output node 0 —O6 Reserved CCU60_COUT63 O7 T13 PWM channel 63 IOM_MON1_6 Monitor input 1 IOM_REF1_0 Reference input 1 GETH_MDIO O MDIO Output OPEN MARKET VERSION |