| Moteur de recherche de fiches techniques de composants électroniques |
|
TC387 Fiches technique(PDF) 60 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC387 Fiches technique(HTML) 60 Page - Infineon Technologies AG |
|
60 / 416 page ![]() TC38x AD/AE-Step Pin Definition and Functions BGA516 Package Variant Pin Configuration Data Sheet 60 V 1.2, 2021-03 K12 P11.8 I SLOW / RGMII_In put / PU1 / VFLEX / ES General-purpose input GTM_TIM4_IN5_5 Mux input channel 5 of TIM module 4 GTM_TIM2_IN5_8 Mux input channel 5 of TIM module 2 GETH_RXD2A Receive Data 2 MII and RGMII (RGMII can use RXD2A only) CAN12_RXDD CAN receive input node 2 P11.8 O0 General-purpose output GTM_TOUT124 O1 GTM muxed output —O2 Reserved —O3 Reserved —O4 Reserved —O5 Reserved —O6 Reserved —O7 Reserved F14 P11.9 I FAST / RGMII_In put / PU1 / VFLEX / ES General-purpose input GTM_TIM3_IN4_2 Mux input channel 4 of TIM module 3 GTM_TIM2_IN4_2 Mux input channel 4 of TIM module 2 QSPI1_MTSRB Slave SPI data input ERAY0_RXDA1 Receive Channel A1 GETH_RXD1A Receive Data 1 MII, RMII and RGMII (RGMII can use RXD1A only) P11.9 O0 General-purpose output GTM_TOUT98 O1 GTM muxed output —O2 Reserved QSPI1_MTSR O3 Master SPI data output —O4 Reserved MSC0_SOP O5 Data output - direct part of the differential signal —O6 Reserved CCU60_COUT60 O7 T12 PWM channel 60 IOM_MON1_3 Monitor input 1 IOM_REF1_3 Reference input 1 Table 2-5 Port 11 Functions (cont’d) Ball Symbol Ctrl. Buffer Type Function OPEN MARKET VERSION |