| Moteur de recherche de fiches techniques de composants électroniques |
|
TC387 Fiches technique(PDF) 39 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC387 Fiches technique(HTML) 39 Page - Infineon Technologies AG |
|
39 / 416 page ![]() TC38x AD/AE-Step Pin Definition and Functions BGA516 Package Variant Pin Configuration Data Sheet 39 V 1.2, 2021-03 J6 P02.4 I FAST / PU1 / VEXT / ES General-purpose input GTM_TIM1_IN4_1 Mux input channel 4 of TIM module 1 GTM_TIM0_IN4_1 Mux input channel 4 of TIM module 0 CCU61_CC62INB T12 capture input 62 EDSADC_DSDIN5B Digital datastream input, channel 5 QSPI3_SLSIA Slave select input CCU60_CC62INA T12 capture input 62 I2C0_SDAA Serial Data Input 0 CAN11_RXDA CAN receive input node 1 CAN0_ECTT1 External CAN time trigger input SENT_SENT12B Receive input channel 12 P02.4 O0 General-purpose output GTM_TOUT4 O1 GTM muxed output IOM_REF0_4 Reference input 0 ASCLIN2_ASCLK O2 Shift clock output QSPI3_SLSO0 O3 Master slave select output PSI5S_CLK O4 PSI5S CLK is a clock that can be used on a pin to drive the external PHY. I2C0_SDA O5 Serial Data Output ERAY0_TXENA O6 Transmit Enable Channel A CCU60_CC62 O7 T12 PWM channel 62 IOM_MON1_0 Monitor input 1 IOM_REF1_4 Reference input 1 Table 2-3 Port 02 Functions (cont’d) Ball Symbol Ctrl. Buffer Type Function OPEN MARKET VERSION |