Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NZMN2-AX160 Fiches technique(PDF) 3 Page - Eaton All Rights Reserved.

No de pièce NZMN2-AX160
Description  NZM2 PXR10 circuit breaker, 3 pole, 160A, screw terminal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

NZMN2-AX160 Fiches technique(HTML) 3 Page - Eaton All Rights Reserved.

  NZMN2-AX160 Datasheet HTML 1Page - Eaton All Rights Reserved. NZMN2-AX160 Datasheet HTML 2Page - Eaton All Rights Reserved. NZMN2-AX160 Datasheet HTML 3Page - Eaton All Rights Reserved. NZMN2-AX160 Datasheet HTML 4Page - Eaton All Rights Reserved. NZMN2-AX160 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Total break time at short-circuit
 
ms
< 10
Terminal capacity
Standard equipment
 
 
Screw connection
Optional accessories
 
 
Box terminal
Tunnel terminal
connection on rear
Round copper conductor
 
 
 
Box terminal
 
 
 
Solid
 
mm2
1 x (10 - 16)
2 x (6 - 16)
Stranded
 
mm2
1 x (10 - 185) | 2 x (10 - 70)
Tunnel terminal
 
 
 
Solid
 
mm2
1 x 16
Stranded
 
 
 
1-hole
 
mm2
1 x (25 - 185)
Bolt terminal and rear-side connection
 
 
 
Direct on the switch
 
 
 
Solid
 
mm2
1 x (10 - 16)
2 x (6 - 16)
Stranded
 
mm2
1 x (10 - 185) | 2 x (10 - 70)
Al circular conductor
 
 
 
Tunnel terminal
 
 
 
Solid
 
mm2
1 x 16
Stranded
 
 
 
Stranded
 
mm2
1 x (25 - 185)
Bolt terminal and rear-side connection
 
 
 
Direct on the switch
 
 
 
Solid
 
mm2
1 x (10 - 16) | 2 x (10 - 16)
Stranded
 
mm2
1 x (25 - 50) | 2 x (25 - 50)
Cu strip (number of segments x width x segment thickness)
 
 
 
Box terminal
 
 
 
 
min.
mm
2 x 9 x 0.8
 
max.
mm
10 x 16 x 0.8
(2x) 8 x 15.5 x 0,8
Bolt terminal and rear-side connection
 
 
 
Flat copper strip, with holes
min.
mm
2 x 16 x 0.8
Flat copper strip, with holes
max.
mm
10 x 24 x 0.8
Copper busbar (width x thickness)
mm
 
 
Bolt terminal and rear-side connection
 
 
 
Screw connection
 
 
M8
Direct on the switch
 
 
 
 
min.
mm
16 x 5
 
max.
mm
24 x 8
Control cables
 
 
 
 
 
mm2
1 x (0.75 - 2.5)
2 x (0.75 - 1.5)
Design verification as per IEC/EN 61439
Technical data for design verification
 
 
 
Rated operational current for specified heat dissipation
In
A
160
Equipment heat dissipation, current-dependent
Pvid
W
21.12
Operating ambient temperature min.
 
°C
-25
Operating ambient temperature max.
 
°C
70
IEC/EN 61439 design verification
 
 
 
10.2 Strength of materials and parts
 
 
 
10.2.2 Corrosion resistance
 
 
Meets the product standard's requirements.
11/01/2022
Eaton 192004 ED2022 V93.0 EN
3 / 5



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com