Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NZMN2-AX160 Fiches technique(PDF) 1 Page - Eaton All Rights Reserved.

No de pièce NZMN2-AX160
Description  NZM2 PXR10 circuit breaker, 3 pole, 160A, screw terminal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

NZMN2-AX160 Fiches technique(HTML) 1 Page - Eaton All Rights Reserved.

  NZMN2-AX160 Datasheet HTML 1Page - Eaton All Rights Reserved. NZMN2-AX160 Datasheet HTML 2Page - Eaton All Rights Reserved. NZMN2-AX160 Datasheet HTML 3Page - Eaton All Rights Reserved. NZMN2-AX160 Datasheet HTML 4Page - Eaton All Rights Reserved. NZMN2-AX160 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET - NZMN2-AX160
NZM2 PXR10 circuit breaker, 3 pole, 160A, screw terminal
Part no. 
NZMN2-AX160
Catalog No. 
192004
 
EL-Nummer
(Norway) 
4362850
Similar to illustration
Delivery program
Product range
 
 
Circuit-breaker
Protective function
 
 
System and cable protection
Standard/Approval
 
 
IEC
Installation type
 
 
Fixed
Release system
 
 
Electronic release
Construction size
 
 
NZM2
Description
 
 
LI Overload and short-circuit protective device | R.m.s. value measurement and
“thermal memory” | USB interface for configuration and test function with Power
Xpert Protection Manager software
Number of poles
 
 
3 pole
Standard equipment
 
 
Screw connection
Switching capacity
 
 
 
400/415 V 50 Hz
Icu
kA
50
Rated current = rated uninterrupted current
 
 
 
Rated current = rated uninterrupted current
In = Iu
A
160
Setting range
 
 
 
Overload trip
 
 
 
Ir
A
64 - 160
Short-circuit releases
 
 
 
Non-delayed
Ii = In x …
 
2 – 12
Technical data
General
Standards
 
 
IEC/EN 60947
Protection against direct contact
 
 
Finger and back of hand proof to VDE 0106 Part 100
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60068-2-30
Ambient temperature
 
 
 
Ambient temperature, storage
 
°C
- -40 - + 70
Operation
 
°C
-25 - +70
Mechanical shock resistance (10 ms half-sinusoidal shock) according to IEC
60068-2-27
 
g
20 (half-sinusoidal shock 20 ms)
Safe isolation to EN 61140
 
 
 
Between auxiliary contacts and main contacts
 
V AC
500
between the auxiliary contacts
 
V AC
300
Mounting position
 
 
Vertical and 90° in all directions
With XFI earth-fault release:
- NZM1, N1, NZM2, N2: vertical and
90° in all directions
with plug-in unit
- NZM1, N1, NZM2, N2: vertical, 90°
right/left
with withdrawable unit:
 
- NZM3, N3: vertical, 90° right/left
11/01/2022
Eaton 192004 ED2022 V93.0 EN
1 / 5


Numéro de pièce similaire - NZMN2-AX160

FabricantNo de pièceFiches techniqueDescription
logo
Eaton All Rights Reserv...
NZM1-XDV EATON-NZM1-XDV Datasheet
240Kb / 3P
Rotary handle, lockable, size 1
NZMB1-A25-NA EATON-NZMB1-A25-NA Datasheet
52Kb / 3P
Eaton Series NZM complete molded case circuit breaker, NZM1- frame, NZMB1, Thermal-magnetic trip type, 350A trip rating, Threepole, 25A, 480 Vac, 25 kAIC, Distribution circuit protection, Rocker lever, 20-25A, Front frame clamp, 20-25A
logo
ON Semiconductor
NZMM7V0T4 ONSEMI-NZMM7V0T4 Datasheet
55Kb / 8P
EMI Filter with ESD Protection
October, 2002 ??Rev. 6
More results

Description similaire - NZMN2-AX160

FabricantNo de pièceFiches techniqueDescription
logo
ETAL Group
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
Single pole thermal reset circuit breaker
logo
Molex Electronics Ltd.
0936010121 MOLEX1-0936010121 Datasheet
33Kb / 1P
GWconnect Screw Terminal Insert, Female, 3-Pole, 10A, without Wire Protection
logo
Schurter Inc.
TA45-3P SCHURTER-TA45-3P Datasheet
508Kb / 6P
Circuit Breaker for Equipment thermal, 3 pole, Push button actuation
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
logo
Schneider Electric
QOU3305292 SCHNEIDER-QOU3305292 Datasheet
111Kb / 2P
QOU Miniature Circuit Breaker, 30A, 3P, 240V, 10kA, Removable Screw Terminal
QOU3505292 SCHNEIDER-QOU3505292 Datasheet
111Kb / 2P
QOU Miniature Circuit Breaker, 50A, 3P, 240V, 10kA, Removable Screw Terminal
S37449 SCHNEIDER-S37449 Datasheet
77Kb / 2P
CIRCUIT BREAKER TERMINAL SHIELD
Apr 19, 2021
S37450 SCHNEIDER-S37450 Datasheet
97Kb / 2P
CIRCUIT BREAKER TERMINAL SHIELD
Apr 19, 2021
9422CGJD5 SCHNEIDER-9422CGJD5 Datasheet
52Kb / 1P
Disconnect mechanism, circuit breaker, cable operated, 3 pole, GJL Mag-Gard circuit breaker, two 60 inch cable
Jul 7, 2021
logo
Siemens Semiconductor G...
3VT9216-6AB00 SIEMENS-3VT9216-6AB00 Datasheet
103Kb / 2P
ETU VT250, 3-pole, line protection ETU LP, LI IR=160A
06/08/2020
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com