Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MEC1632 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 13Page - Microchip Technology MEC1632 Datasheet HTML 14Page - Microchip Technology MEC1632 Datasheet HTML 15Page - Microchip Technology MEC1632 Datasheet HTML 16Page - Microchip Technology MEC1632 Datasheet HTML 17Page - Microchip Technology MEC1632 Datasheet HTML 18Page - Microchip Technology MEC1632 Datasheet HTML 19Page - Microchip Technology MEC1632 Datasheet HTML 20Page - Microchip Technology MEC1632 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 17
MEC1632
3.4.3
NON 5 VOLT TOLERANT PINS
Table 3-4 lists all signal pins which are not 5.5 Volt tolerant; all other signal pins are 5 Volt tolerant. Signals in Table 3-
4 refer to Pin Reference Numbers as defined in Table 3-1.
TABLE 3-4:
NON 5 VOLT TOLERANT PINS
Pin Reference
Number
Pin Name
32
ADC0/GPIO200
33
ADC8/GPIO210
34
ADC1/GPIO201
35
ADC9/GPIO211
37
ADC2/GPIO202
38
ADC10/GPIO212
39
ADC3/GPIO203
40
ADC11/GPIO213
41
ADC4/GPIO204
42
ADC12/GPIO214
43
ADC5/GPIO205
44
ADC13/GPIO215
45
ADC6/GPIO206
46
ADC14/GPIO216
47
ADC7/GPIO207
48
ADC15/GPIO217
51
LRESET#
52
CLKRUN#
53
LFRAME#
54
SER_IRQ
55
PCI_CLK
56
LAD0
57
LAD1
59
LAD2
60
LAD3
119
GPIO220
167
XTAL1
168
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More