| Moteur de recherche de fiches techniques de composants électroniques |
|
MEC1632 Fiches technique(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1632 Fiches technique(HTML) 18 Page - Microchip Technology |
|
18 / 636 page ![]() MEC1632 DS00001592B-page 18 2012-2018 Microchip Technology Inc. 3.4.4 NON GLITCH PROTECTED PINS Table 3-5 lists pins which do not have POR output glitch protection. POR output glitch protection guarantees that pins will have a steady-state output during VTR POR. Pins without POR output glitch protection may be susceptible to tran- sitory changes as VTR power is applied. Signals in Table 3-5 refer to Pin Reference Numbers as defined in Table 3-1. TABLE 3-5: NON GLITCH PROTECTED PINS Pin Reference Number Pin Name 1 GPIO165/32KHZ_IN 4BGPO0 5 GPIO101/BGPO1 6 GPIO102/BGPO2 7 GPIO172/BGPO3 8 GPIO173/BGPO4 9 GPIO174/BGPO5 10 VCI_OUT 11 VCI_IN2#/GPIO161 12 VCI_IN1#/GPIO162 13 VCI_IN0#/GPIO163 14 VCI_OVRD_IN/GPIO164 15 VCI_IN3#/GPIO000 16 VCI_IN4#/GPIO234 17 VCI_IN5#/GPIO235 167 XTAL1 168 XTAL2 |