| Moteur de recherche de fiches techniques de composants électroniques |
|
MEC1632 Fiches technique(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1632 Fiches technique(HTML) 38 Page - Microchip Technology |
|
38 / 636 page ![]() MEC1632 DS00001592B-page 38 2012-2018 Microchip Technology Inc. TABLE 3-32: MULTIPLEXING TABLE (7 OF 21) Pin Ref. Number MUX Signal Buffer Type Signal Power Well Emulated Power Well Gated State Notes 49 VSS_ADC PWR PWR PWR 49 49 49 50 VREF_ADC PWR PWR PWR 50 50 50 51 0 Reserved Reserved Reserved Reserved 51 Default: 1 LRESET# PCI_I VTR VCC Low Note 8 51 2 Reserved Reserved Reserved Reserved 51 3 Reserved Reserved Reserved Reserved 52 0 Reserved Reserved Reserved Reserved 52 Default: 1 CLKRUN# PCI_OD VTR VCC Note 8 52 2 Reserved Reserved Reserved Reserved 52 3 Reserved Reserved Reserved Reserved 53 0 Reserved Reserved Reserved Reserved 53 Default: 1 LFRAME# PCI_I VTR VCC Low Note 8 53 2 Reserved Reserved Reserved Reserved 53 3 Reserved Reserved Reserved Reserved 54 0 Reserved Reserved Reserved Reserved 54 Default: 1 SER_IRQ PCI_IO VTR VCC Low Note 2, Note 8 54 2 Reserved Reserved Reserved Reserved 54 3 Reserved Reserved Reserved Reserved 55 0 Reserved Reserved Reserved Reserved 55 Default: 1 PCI_CLK PCI_ICLK VTR VCC Low Note 8 55 2 Reserved Reserved Reserved Reserved 55 3 Reserved Reserved Reserved Reserved 56 Default: 0 LAD0 PCI_IO VTR VCC No Gate Note 2 56 1 Reserved Reserved Reserved Reserved 56 2 Reserved Reserved Reserved Reserved 56 3 Reserved Reserved Reserved Reserved |