| Moteur de recherche de fiches techniques de composants électroniques |
|
VL6180 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL6180 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 73 page ![]() Device registers VL6180 42/73 DocID024986 Rev 14 6.2 Register descriptions 6.2.1 IDENTIFICATION__MODEL_ID Address: 0x000 Type: R/W Reset: 0xB4 Description: 6.2.2 IDENTIFICATION__MODEL_REV_MAJOR Address: 0x001 Type: R/W Reset: 0x01 Description: 6.2.3 IDENTIFICATION__MODEL_REV_MINOR Address: 0x002 Type: R/W Reset: 0x03, register default overwritten at boot-up by NVM contents. Description: 7 654 321 0 identification__model_id R/W [7:0] identification__model_id: Device model identification number. 0xB4 = VL6180 7 654 321 0 RESERVED identification__model_rev_major RR/W [2:0] identification__model_rev_major: Revision identifier of the Device for major change. 7 654 321 0 RESERVED identification__model_rev_minor RR/W [2:0] identification__model_rev_minor: Revision identifier of the Device for minor change. IDENTIFICATION__MODEL_REV_MINOR = 3 for latest ROM revision |