Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL6180 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 9Page - STMicroelectronics VL6180 Datasheet HTML 10Page - STMicroelectronics VL6180 Datasheet HTML 11Page - STMicroelectronics VL6180 Datasheet HTML 12Page - STMicroelectronics VL6180 Datasheet HTML 13Page - STMicroelectronics VL6180 Datasheet HTML 14Page - STMicroelectronics VL6180 Datasheet HTML 15Page - STMicroelectronics VL6180 Datasheet HTML 16Page - STMicroelectronics VL6180 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
DocID024986 Rev 14
13/73
VL6180
Functional description
69
From a customer application point of view, the following sequence must be followed at the
power-up stage
Set GPIO0 to 0
Set GPIO0 to 1
Wait for a minimum of 400us
Call VL6180x_WaitDeviceBooted()(b) API function (or wait 1ms to ensure device is
ready).
Then, at this stage, it is possible to configure the device and start single-shot or continuous
ranging operation through API functions calls.
Figure 7. System state diagram
b. Warning: The VL6180x_WaitDeviceBooted() function expects the device to be fresh out of reset. Calling this
function when the device is not fresh out of rest will result in an infinite loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73