Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9788 Fiches technique(PDF) 231 Page - STMicroelectronics

No de pièce L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Fiches technique(HTML) 231 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 227Page - STMicroelectronics L9788 Datasheet HTML 228Page - STMicroelectronics L9788 Datasheet HTML 229Page - STMicroelectronics L9788 Datasheet HTML 230Page - STMicroelectronics L9788 Datasheet HTML 231Page - STMicroelectronics L9788 Datasheet HTML 232Page - STMicroelectronics L9788 Datasheet HTML 233Page - STMicroelectronics L9788 Datasheet HTML 234Page - STMicroelectronics L9788 Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 264 page
background image
DS12308 Rev 4
231/264
L9788
Micro second channel (MSC) interface
263
1: bist end
[1:4] BIST_INJ
Bist result for INJECTOR drivers
0: bist pass (default)
1: bist fail
[5] DRIVER_EN
Drivers enabled or disabled by MSC command
0: drivers disabled (default)
1: drivers enabled
[6] LIN_KLINE_STATUS
LIN / K-LINE Mode (CONFIG-REG11 [0])
0: LIN mode (default)
1: KLINE mode
[7] MSC LOCK
MSC command and bit lock
0: unlocked
1: locked (default)
FRAME [4]: ASIC REVISION FOR BC
[0:7] ASIC_REVISION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More