Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9788 Fiches technique(PDF) 233 Page - STMicroelectronics

No de pièce L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Fiches technique(HTML) 233 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 229Page - STMicroelectronics L9788 Datasheet HTML 230Page - STMicroelectronics L9788 Datasheet HTML 231Page - STMicroelectronics L9788 Datasheet HTML 232Page - STMicroelectronics L9788 Datasheet HTML 233Page - STMicroelectronics L9788 Datasheet HTML 234Page - STMicroelectronics L9788 Datasheet HTML 235Page - STMicroelectronics L9788 Datasheet HTML 236Page - STMicroelectronics L9788 Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 264 page
background image
DS12308 Rev 4
233/264
L9788
Micro second channel (MSC) interface
263
1: positive edge on WK_IN signal
[2] WAKE_UP_EOT_DET
Latch status of activation of Wake_Up_Timer counter
0: Wake_Up_Timer end counting not detected
1: Wake_Up_Timer end counting detected
[3] WAKE_UP_CAN_DET
Latch status of activation of CAN signal
0: no wake up activity detected on CAN
1: wake up activity detected on CAN
[4] FAULT_WARN
0: no fault warning active
1: at least one of fault warning contributors (oscillator fault, v3v3pre_mon_ov,
v3v3pre_mon_uv, v3v3pre_ov, v3v3pre_uv, v3v3ana_ov, v3v3ana_uv, v3v3dig_ov,
v3v3dig_uv, gnd_dig_loss) is active.
[5] EOT_STATUS:
1: EOT active (WAKE_UP_TIMER_START_STOP[0:1] = 01, start)
0: EOT inactive (WAKE_UP_TIMER_START_STOP[0:1] = 10, stop)
[6:7] ADC[0:1]
FRAME[4]
[0:7] ADC[2:9]
Temperature= (ADC[9:0] * 293 / 1024) - 63 [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More