Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9788 Fiches technique(PDF) 227 Page - STMicroelectronics

No de pièce L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Fiches technique(HTML) 227 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 223Page - STMicroelectronics L9788 Datasheet HTML 224Page - STMicroelectronics L9788 Datasheet HTML 225Page - STMicroelectronics L9788 Datasheet HTML 226Page - STMicroelectronics L9788 Datasheet HTML 227Page - STMicroelectronics L9788 Datasheet HTML 228Page - STMicroelectronics L9788 Datasheet HTML 229Page - STMicroelectronics L9788 Datasheet HTML 230Page - STMicroelectronics L9788 Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 264 page
background image
DS12308 Rev 4
227/264
L9788
Micro second channel (MSC) interface
263
18.6.10
Upstream Bit Map Fast Read10 (SAFETY WDA)
FRAME[1]: WATCHDOG REQULO
[7] WDA_INT
1: ERR_CNT[2:0]>4
Default: 1
[6:4] ERR_CNT[2:0]
Value of ERR_CNT[2:0]
Default: 0x6
[3:0] REQU[3:0]
4-bit question
FRAME[2]: WATCHDOG REQUHI
[7:6] RESP_CNT[1:0]
Counter for receiving the 4 response bytes
Default: 0xC
Table 102. MSC Interface Upstream Bit Map Read10
ADDRESS
DATA
A0 A1 A2 A3
D0
D1
D2
D3
D4
D5
D6
D7
FRAME1
0
0
0
0
WDA REQULO
REQU[0:3]
ERR_CNT[0:2]
WDA_INT
FRAME2
0
0
1
0
WDA REQUHI
RESP_TO
O_EARLY
NO_RE
SP
W_RE
SP
CHRT
RESP_
Z0
RESP_E
RR
RESP_CNT[0 :1]
FRAME3
0
0
0
1
WDA PWR_RST_CNT
RST_CNT[0 :2]
PWR_CNT[0:2]
WDA_RST
FRAME4
0
0
1
1
WDA RESPTIME
RESPTIME[0:5]
WDA_
WIN_S
EL
WDA_INIT
source
logic on VB_IN (main logic)
access
FRAME[1]D[0:7] FRAME[2]D[0] FRAME[2]D[2] FRAME[2]D[4:7]
FRAME[3]D[0:7] FRAME[4]D[0:7]
read
FRAME[2]D[1] FRAME[2]D[3]
clear-on-read
Clear on Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More