Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9961 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 14Page - STMicroelectronics L9961 Datasheet HTML 15Page - STMicroelectronics L9961 Datasheet HTML 16Page - STMicroelectronics L9961 Datasheet HTML 17Page - STMicroelectronics L9961 Datasheet HTML 18Page - STMicroelectronics L9961 Datasheet HTML 19Page - STMicroelectronics L9961 Datasheet HTML 20Page - STMicroelectronics L9961 Datasheet HTML 21Page - STMicroelectronics L9961 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TCELL_FILTER2
Cell and VB acquisition filter time
1.31
ms
TCELL_FILTER3
Cell and VB acquisition filter time
4.38
ms
TCELL_FILTER4
Cell and VB acquisition filter time
16.67
ms
VCELL_OV_TH
Programmable cell OV fault threshold (8
bit)
VCELLOVTH=16VCELL_RES*CODE
0
5
V
NCELL_OV_CNT_TH
Programmable cell OV event counter
threshold (4 bit)
1
15
events
VCELL_SEVERE_OV
_DELTA_TH
Programmable cell severe OV threshold
(positive delta in respect to cell OV
threshold, 8 bit)
VCELLSEVEREOVTH=VCELLOVTH
+16VCELL_RES*CODE
In case of overflow, the
VCELLSEVEREOVTHissaturatedtothe
max. specified value
0
5
V
VCELL_UV_TH
Programmable cell UV fault threshold (8
bit)
VCELLUVTH=16VCELL_RES*CODE
0
5
V
NCELL_UV_CNT_TH
Programmable cell UV event counter
threshold (4 bit)
1
15
events
VCELL_SEVERE_UV
_DELTA_TH
Programmable cell severe OV threshold
(negative delta in respect to cell UV
threshold, 8 bit)
VCELLSEVEREUVTH=VCELLUVTH
−16VCELL_RES*CODE
In case of underflow, the
VCELLSEVEREUVTHissaturatedtothe
min. specified value
0
5
V
VCELL_BAL_UV_DE
LTA_TH
Programmable balancing UV threshold
(positive delta in respect to cell UV
threshold, 8 bit)
VCELLBALUVTH=VCELLUVTH
+16VCELL_RES*CODE
In case of overflow, the
VCELLSEVEREUVTHissaturatedtothe
max. specified value
0
5
V
NCELL_BAL_UV_CN
T_TH
Programmable balance UV event counter
threshold (4 bit)
1
15
events
L9961
Voltage conversion routine
DS14012 - Rev 1
page 18/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63