Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9961 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 41Page - STMicroelectronics L9961 Datasheet HTML 42Page - STMicroelectronics L9961 Datasheet HTML 43Page - STMicroelectronics L9961 Datasheet HTML 44Page - STMicroelectronics L9961 Datasheet HTML 45Page - STMicroelectronics L9961 Datasheet HTML 46Page - STMicroelectronics L9961 Datasheet HTML 47Page - STMicroelectronics L9961 Datasheet HTML 48Page - STMicroelectronics L9961 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
4
Device register map
L9961 register map is available in the “L9961_I2C_Register_Map.xlsx“ embedded in this document.
Registers are classified according to the following syntax:
•
RO = Read Only
•
RW = Read/Write
•
WO = Write Only
•
RLW = Clear On Write
Default values of configuration registers written in the NVM correspond to the default ST factory settings. If these
values are rewritten by user FW and pushed into the NVM, the default value at each powerup will correspond to
the user settings.
L9961
Device register map
DS14012 - Rev 1
page 45/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63