Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9961 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 49Page - STMicroelectronics L9961 Datasheet HTML 50Page - STMicroelectronics L9961 Datasheet HTML 51Page - STMicroelectronics L9961 Datasheet HTML 52Page - STMicroelectronics L9961 Datasheet HTML 53Page - STMicroelectronics L9961 Datasheet HTML 54Page - STMicroelectronics L9961 Datasheet HTML 55Page - STMicroelectronics L9961 Datasheet HTML 56Page - STMicroelectronics L9961 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
5.9.2
Safety bypass in LS configuration
Figure 25. Fail-safe switch in LS configuation
GADG220620221421SA
L9961
VSD
DCHG
CHG
VSC
P+
P-
RDCHG
RCHG
MDCHG
MCHG
DZCHG
VB
RGCHG
From µC
Fail-safe switch
Disable CHG MOSFET driver
BFS
P+
Table 42. BOM for Fail-safe switch in HS configuration
Components Value Unit
Max.
tolerance
Rating
Comments
BFS
-
-
-
40 V
NPN fail-safe switch driven by MCU. It shall be sized in order to sink IPU
(charge current source) in case of fault during the charger fase. In case
of fault the NPN base shall be driven high by MCU.
L9961
Safety bypass
DS14012 - Rev 1
page 53/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63