Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9918 Fiches technique(PDF) 107 Page - STMicroelectronics

No de pièce L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Fiches technique(HTML) 107 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 101Page - STMicroelectronics L9918 Datasheet HTML 102Page - STMicroelectronics L9918 Datasheet HTML 103Page - STMicroelectronics L9918 Datasheet HTML 104Page - STMicroelectronics L9918 Datasheet HTML 105Page - STMicroelectronics L9918 Datasheet HTML 106Page - STMicroelectronics L9918 Datasheet HTML 107Page - STMicroelectronics L9918 Datasheet HTML 108Page - STMicroelectronics L9918 Datasheet HTML 109Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 107 / 109 page
background image
Table 53.
EXC8 - Excitation current measure 8 bit reference version A and B ................................ 83
Table 54.
EXC8 - Excitation current measure 8 bit reference version C ..................................... 85
Table 55.
EXC8 - Excitation current measure 8 bit reference version E ..................................... 86
Table 56.
BV8 – Battery Voltage 8 bit reference version A and B ......................................... 88
Table 57.
BV8C – Battery Voltage 8 bit reference version C............................................. 90
Table 58.
TJ8 – Device Junction Temperature 8 bit reference version A, B and F .............................. 91
Table 59.
Device Junction Temperature 8 bit reference version C and E .................................... 93
Table 60.
TJ6 – Device Junction Temperature 6 bit reference version D .................................... 95
Table 61.
VSPFBK8 – Vsetpoint feedback 8 bit reference version A ....................................... 95
Table 62.
VSPFBK8B – Vsetpoint feedback 8 bit reference version B ..................................... 97
Table 63.
RPM8 – Alternator speed measure 8 bit reference version A and B ................................ 99
Table 64.
Document revision history ............................................................ 101
L9918
List of tables
DS13000 - Rev 2
page 107/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More