| Moteur de recherche de fiches techniques de composants électroniques |
|
L9918 Fiches technique(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9918 Fiches technique(HTML) 99 Page - STMicroelectronics |
|
99 / 109 page ![]() A.13 Alternator speed measure Table 63. RPM8 – Alternator speed measure 8 bit reference version A and B Code RPM Code RPM Code RPM Code RPM 00000000 n < 567 01000000 754 10000000 1134 11000000 2286 00000001 567 01000001 758 10000001 1143 11000001 2323 00000010 569 01000010 762 10000010 1152 11000010 2361 00000011 571 01000011 766 10000011 1161 11000011 2400 00000100 574 01000100 770 10000100 1171 11000100 2441 00000101 576 01000101 774 10000101 1180 11000101 2483 00000110 578 01000110 778 10000110 1190 11000110 2526 00000111 581 01000111 783 10000111 1200 11000111 2571 00001000 583 01001000 787 10001000 1210 11001000 2618 00001001 585 01001001 791 10001001 1220 11001001 2667 00001010 588 01001010 796 10001010 1231 11001010 2717 00001011 590 01001011 800 10001011 1241 11001011 2769 00001100 593 01001100 804 10001100 1252 11001100 2824 00001101 595 01001101 809 10001101 1263 11001101 2880 00001110 598 01001110 814 10001110 1274 11001110 2939 00001111 600 01001111 818 10001111 1286 11001111 3000 00010000 603 01010000 823 10010000 1297 11010000 3064 00010001 605 01010001 828 10010001 1309 11010001 3130 00010010 608 01010010 832 10010010 1321 11010010 3200 00010011 610 01010011 837 10010011 1333 11010011 3273 00010100 613 01010100 842 10010100 1346 11010100 3349 00010101 615 01010101 847 10010101 1358 11010101 3429 00010110 618 01010110 852 10010110 1371 11010110 3512 00010111 621 01010111 857 10010111 1385 11010111 3600 00011000 623 01011000 862 10011000 1398 11011000 3692 00011001 626 01011001 867 10011001 1412 11011001 3789 00011010 629 01011010 873 10011010 1426 11011010 3892 00011011 632 01011011 878 10011011 1440 11011011 4000 00011100 634 01011100 883 10011100 1455 11011100 4114 00011101 637 01011101 889 10011101 1469 11011101 4235 00011110 640 01011110 894 10011110 1485 11011110 4364 00011111 643 01011111 900 10011111 1500 11011111 4500 00100000 646 01100000 906 10100000 1516 11100000 4645 00100001 649 01100001 911 10100001 1532 11100001 4800 00100010 652 01100010 917 10100010 1548 11100010 4966 00100011 655 01100011 923 10100011 1565 11100011 5143 00100100 658 01100100 929 10100100 1582 11100100 5333 L9918 Alternator speed measure DS13000 - Rev 2 page 99/109 |