Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9918 Fiches technique(PDF) 73 Page - STMicroelectronics

No de pièce L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Fiches technique(HTML) 73 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 69Page - STMicroelectronics L9918 Datasheet HTML 70Page - STMicroelectronics L9918 Datasheet HTML 71Page - STMicroelectronics L9918 Datasheet HTML 72Page - STMicroelectronics L9918 Datasheet HTML 73Page - STMicroelectronics L9918 Datasheet HTML 74Page - STMicroelectronics L9918 Datasheet HTML 75Page - STMicroelectronics L9918 Datasheet HTML 76Page - STMicroelectronics L9918 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
SetPoint (V)
Code6 (A,D,E)
Code8 (B,C, F)
SetPoint (V)
Code6 (A,D,E)
Code8 (B,C, F)
12.350
01000110
15.550
11000110
12.375
01000111
15.575
11000111
12.400
010010
01001000
15.600
110010
11001000
12.425
01001001
15.625
11001001
12.450
01001010
15.650
11001010
12.475
01001011
15.675
11001011
12.500
010011
01001100
15.700
110011
11001100
12.525
01001101
15.725
11001101
12.550
01001110
15.750
11001110
12.575
01001111
15.775
11001111
12.600
010100
01010000
15.800
110100
11010000
12.625
01010001
15.825
11010001
12.650
01010010
15.850
11010010
12.675
01010011
15.875
11010011
12.700
010101
01010100
15.900
110101
11010100
12.725
01010101
15.925
11010101
12.750
01010110
15.950
11010110
12.775
01010111
15.975
11010111
12.800
010110
01011000
16.000
110110
11011100
12.825
01011001
16.000
11011101
12.850
01011010
16.000
11011110
12.875
01011011
16.000
11011111
12.900
010111
01011100
16.000
110111
11100000
12.925
01011101
16.000
11100001
12.950
01011110
16.000
11100010
12.975
01011111
16.000
11100011
13.000
011000
01100000
16.000
111000
11100100
13.025
01100001
16.000
11100101
13.050
01100010
16.000
11100110
13.075
01100011
16.000
11100111
13.100
011001
01100100
16.000
111001
11100100
13.125
01100101
16.000
11100101
13.150
01100110
16.000
11100110
13.175
01100111
16.000
11100111
13.200
011010
01101000
16.000
111010
11101000
13.225
01101001
16.000
11101001
13.250
01101010
16.000
11101010
13.275
01101011
16.000
11101011
13.300
011011
01101100
16.000
111011
11101100
13.325
01101101
16.000
11101101
13.350
01101110
16.000
11101110
L9918
SetPoint tables
DS13000 - Rev 2
page 73/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More