Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9918 Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 68Page - STMicroelectronics L9918 Datasheet HTML 69Page - STMicroelectronics L9918 Datasheet HTML 70Page - STMicroelectronics L9918 Datasheet HTML 71Page - STMicroelectronics L9918 Datasheet HTML 72Page - STMicroelectronics L9918 Datasheet HTML 73Page - STMicroelectronics L9918 Datasheet HTML 74Page - STMicroelectronics L9918 Datasheet HTML 75Page - STMicroelectronics L9918 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
SetPoint (V)
Code6 (A,D,E)
Code8 (B,C, F)
SetPoint (V)
Code6 (A,D,E)
Code8 (B,C, F)
11.325
00011101
14.525
10011101
11.350
00011110
14.550
10011110
11.375
00011111
14.575
10011111
11.400
001000
00100000
14.600
101000
10100000
11.425
00100001
14.625
10100001
11.450
00100010
14.650
10100010
11.475
00100011
14.675
10100011
11.500
001001
00100100
14.700
101001
10100100
11.525
00100101
14.725
10100101
11.550
00100110
14.750
10100110
11.575
00100111
14.775
10100111
11.600
001010
00101000
14.800
101010
10101000
11.625
00101001
14.825
10101001
11.650
00101010
14.850
10101010
11.675
00101011
14.875
10101011
11.700
001011
00101100
14.900
101011
10101100
11.725
00101101
14.925
10101101
11.750
00101110
14.950
10101110
11.775
00101111
14.975
10101111
11.800
001100
00110000
15.000
101100
10110000
11.825
00110001
15.025
10110001
11.850
00110010
15.050
10110010
11.875
00110011
15.075
10110011
11.900
001101
00110100
15.100
101101
10110100
11.925
00110101
15.125
10110101
11.950
00110110
15.150
10110110
11.975
00110111
15.175
10110111
12.000
001110
00111000
15.200
101110
10111000
12.025
00111001
15.225
10111001
12.050
00111010
15.250
10111010
12.075
00111011
15.275
10111011
12.100
001111
00111100
15.300
101111
10111100
12.125
00111101
15.325
10111101
12.150
00111110
15.350
10111110
12.175
00111111
15.375
10111111
12.200
010000
01000000
15.400
110000
11000000
12.225
01000001
15.425
11000001
12.250
01000010
15.450
11000010
12.275
01000011
15.475
11000011
12.300
010001
01000100
15.500
110001
11000100
12.325
01000101
15.525
11000101
L9918
SetPoint tables
DS13000 - Rev 2
page 72/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More