Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDA803D Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 70Page - STMicroelectronics FDA803D Datasheet HTML 71Page - STMicroelectronics FDA803D Datasheet HTML 72Page - STMicroelectronics FDA803D Datasheet HTML 73Page - STMicroelectronics FDA803D Datasheet HTML 74Page - STMicroelectronics FDA803D Datasheet HTML 75Page - STMicroelectronics FDA803D Datasheet HTML 76Page - STMicroelectronics FDA803D Datasheet HTML 77Page - STMicroelectronics FDA803D Datasheet HTML 78Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
Package information
FDA803D
76/78
DocID031487 Rev 2
16.2
Package marking information
Figure 74. PowerSSO-36 (exp. pad) marking information
Note:
Engineering Samples: these samples are clearly identified by last two digits ‘ES’ in the
marking of each unit. These samples are intended to be used for electrical compatibility
evaluation only; usage for any other purpose may be agreed only upon written authorization
by ST. ST is not liable for any customer usage in production and/or in reliability qualification
trials.
Commercial Samples: Fully qualified parts from ST standard production with no usage
restrictions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78