Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LD21 Fiches technique(PDF) 68 Page - STMicroelectronics

No de pièce L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Fiches technique(HTML) 68 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 64Page - STMicroelectronics L99LD21 Datasheet HTML 65Page - STMicroelectronics L99LD21 Datasheet HTML 66Page - STMicroelectronics L99LD21 Datasheet HTML 67Page - STMicroelectronics L99LD21 Datasheet HTML 68Page - STMicroelectronics L99LD21 Datasheet HTML 69Page - STMicroelectronics L99LD21 Datasheet HTML 70Page - STMicroelectronics L99LD21 Datasheet HTML 71Page - STMicroelectronics L99LD21 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
Package information
L99LD21
68/73
DS11130 Rev 5
Table 48. QFN-40L 6x6 mechanical data
Symbol
Min
Typ
Max
A
0.85
0.95
1.05
A1
0
0.05
A3
0.20
b
0.20
0.25
0.30
D
5.85
6.00
6.15
E
5.85
6.00
6.15
D2
3.95
4.10
4.25
E2
3.95
4.10
4.25
e0.50
J0.45
L
0.40
0.50
0.60
L1
0.20
L2
0.05
L3
0.20
L4
0.075
P0.31
P1
0.18
P2
0.18
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73