Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LD21 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 55Page - STMicroelectronics L99LD21 Datasheet HTML 56Page - STMicroelectronics L99LD21 Datasheet HTML 57Page - STMicroelectronics L99LD21 Datasheet HTML 58Page - STMicroelectronics L99LD21 Datasheet HTML 59Page - STMicroelectronics L99LD21 Datasheet HTML 60Page - STMicroelectronics L99LD21 Datasheet HTML 61Page - STMicroelectronics L99LD21 Datasheet HTML 62Page - STMicroelectronics L99LD21 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
DS11130 Rev 5
59/73
L99LD21
Electrical specifications
72
32
10
00
00
0.809
0.402
33
10
00
01
0.831
0.413
34
10
00
10
0.853
0.424
35
10
00
11
0.877
0.436
36
10
01
00
0.9
0.447
37
10
01
01
0.924
0.46
38
10
01
10
0.938
0.471
39
10
01
11
0.963
0.483
40
10
10
00
0.987
0.496
41
10
10
01
1.013
0.509
42
10
10
10
1.039
0.521
43
10
10
11
1.066
0.535
44
10
11
00
1.093
0.549
45
1
0
1
1
0
1
1.12
0.562
46
10
11
10
1.148
0.576
47
10
11
11
1.177
0.59
48
11
00
00
1.205
0.605
49
11
00
01
1.235
0.62
50
11
00
10
1.265
0.635
51
11
00
11
1.295
0.65
52
11
01
00
1.326
0.665
53
11
01
01
1.357
0.681
54
11
01
10
1.389
0.696
55
11
01
11
1.421
0.713
56
11
10
00
1.453
0.729
57
11
10
01
1.486
0.746
58
1
1
1
0
1
0
1.52
0.762
59
11
10
11
1.554
0.78
60
11
11
00
1.588
0.797
61
11
11
01
1.623
0.814
62
11
11
10
1.658
0.832
63
11
11
11
1.695
0.849
Table 40. Inductor peak current selection (continued)
DAC
code
DAC
code 5
DAC
code 4
DAC
code 3
DAC
code 2
DAC
code 1
DAC
code 0
IL_PEAK [A]
Low RDSON
IL_PEAK [A]
High RDSON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73