| Moteur de recherche de fiches techniques de composants électroniques |
|
L99LD21 Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99LD21 Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 73 page ![]() Electrical specifications L99LD21 64/73 DS11130 Rev 5 6.4.6 PWM dimming .. Figure 14. PWM clock failure and reset sequence Table 45. PWMCLK and Fall back PWM description Symbol Parameter Test conditions Min Typ Max Unit VPWMCLK_L PWMCLK low threshold 0.3 * V3V3 V VPWMCLK_H PWMCLK high threshold 0.7 * V3V3 V3V3 V FPWMCLK PWMCLK input frequency range 102400 409600 Hz FPWMCLK_FAIL PWMCLK frequency fail detection range 0 26500 Hz FFALLBACK_CLK Fall back PWM frequency clock 190 200 210 KHz |