| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679E Fiches technique(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E Fiches technique(HTML) 94 Page - STMicroelectronics |
|
94 / 124 page ![]() 12 Applications The main applications for this IC are two: • as user configurable airbag IC; • as pyro fuse manager IC. 12.1 Application circuit Figure 27. Application circuit C5÷C8 SSxy SFx SRx MOSI_X MISO_X SCLK_X CS_X RSUx C9÷C16 C17÷C24 C25÷C28 L9679E L96xx VER VSF SYNCBOOST SATBUCK VCC C2 C3 C1 C4 RESET_N RESET_N SGxy D1÷D4 μC_FLEN L9679E Applications DS12485 - Rev 5 page 94/124 |