| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679E Fiches technique(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E Fiches technique(HTML) 77 Page - STMicroelectronics |
|
77 / 124 page ![]() Figure 18. High-level loop diagnostic flow 1 Low level diagnostic is selected (bit 15 of LPDIAGREQ is low) OR an invalid high level diagnostic is selected OR we are in DEP_ENABLED state Leakage test time elapsed Leakage test time elapsed SBL flag is asserted if STG is no more present AND (FET test is selected) AND NO leakage is present Leakage test time elapsed AND ((LEAKAGE test) OR (SBL and no leakage is present) OR (FET test and leakage is present)) Latch STB, STG flags FP = 1 if FET test is selected VRCM (check time elapsed AND ((VRCM, CHECK test) is selected OR VRCM fails) VRCM (check time elapsed AND (LEAKAGE OR SBL OR FET test is selected) AND VRCM NO fails Latch STB, STG flags FP = 1 if LEAKAGE or FET T tests are selected Leakage test time elapsed AND (SBL is selected) AND leakage is present TIP = 1 Enable VRCM Disable ISRC and ISINK Disable ALL pull down currents TIP = 1 TIP = 0 Enable VRCM Disable ISRC and ISINK TIP = 1 Enable VRCM Disable ISRC and ISINK TIP = 1 Enable VRCM Disable ISRC and ISINK Enable HS or LS FET if also DSTEST = 0111 or 1000 TIP = 1 Off time elapsed AND new diagnostic request is VRCM_CHECK OR LEAKAGE OR SBL OR FET tests Off time = 24 µs New high level diagnostic request (bit 15 of LPDIAGREQ is high) Wait enaugh time to be sure that all currents and voltages supplies start in OFF state FET test timeout = 200µs Leakage test time = 152/600µs Leakage test time = 152/600µs FET TEST DIAG_OFF WAIT_OFF LEAKAGE_TEST_1 LEAKAGE_TEST_2 VRCM check time = 40µs/160µs VRCM_CHECK Leakage is detected (due to the fact that FETs work properly) OR FET test timeout elapsed GADG0903181321PS L9679E Diagnostics DS12485 - Rev 5 page 77/124 |