| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679E Fiches technique(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E Fiches technique(HTML) 57 Page - STMicroelectronics |
|
57 / 124 page ![]() 6.5 Remote sensor SPI register map The Remote sensor SPI interface consists of twelve 32-bit read registers (one for each logical channel) to allow access to decoded sensor data and fault registers. The registers are addressed by the read register ID and the global ID bit. The L9679E checks the validity of the received RID field in the MOSI_RS frame. Should an SPI read command be received containing an unused RID address, the command will be discarded and the ERR_RID bit will be flagged in the current GSW. Table 9. Remote sensor SPI register map GID RID / WID Hex R/W Name Description Operating State Init Diag Safing 0 1 0 1 0 0 0 0 0x50 R RSDR0 Remote sensor data/status registers (PSI-5) 0 1 0 1 0 0 0 1 0x51 R RSDR1 0 1 0 1 0 0 1 0 0x52 R RSDR2 0 1 0 1 0 0 1 1 0x53 R RSDR3 0 1 0 1 0 1 0 0 0x54 R RSDR4 0 1 0 1 0 1 0 1 0x55 R RSDR5 0 1 0 1 0 1 1 0 0x56 R RSDR6 0 1 0 1 0 1 1 1 0x57 R RSDR7 0 1 0 1 1 0 0 0 0x58 R RSDR8 0 1 0 1 1 0 0 1 0x59 R RSDR9 0 1 0 1 1 0 1 0 0x5A R RSDR10 0 1 0 1 1 0 1 1 0x5B R RSDR11 0 1 0 1 1 1 0 0 0x5C R RSTHR0_L Remote sensor 1 registers (PSI-5) 0 1 0 1 1 1 0 1 0x5D R RSTHR1_L 0 1 0 1 1 1 1 0 0x5E R RSTHR2_L 0 1 0 1 1 1 1 1 0x5F R RSTHR3_L 0 1 1 0 0 0 0 0 0x60 0 1 1 0 0 0 0 1 0x61 0 1 1 0 0 0 1 0 0x62 0 1 1 0 0 0 1 1 0x63 0 1 1 0 1 0 1 0 0x6A 1 1 1 1 1 1 1 1 0xFF L9679E Remote sensor SPI register map DS12485 - Rev 5 page 57/124 |