Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ALED6000 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 15Page - STMicroelectronics ALED6000 Datasheet HTML 16Page - STMicroelectronics ALED6000 Datasheet HTML 17Page - STMicroelectronics ALED6000 Datasheet HTML 18Page - STMicroelectronics ALED6000 Datasheet HTML 19Page - STMicroelectronics ALED6000 Datasheet HTML 20Page - STMicroelectronics ALED6000 Datasheet HTML 21Page - STMicroelectronics ALED6000 Datasheet HTML 22Page - STMicroelectronics ALED6000 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
6
Application information
6.1
Input capacitor selection
The input capacitor must be rated for the maximum input operating voltage and the maximum RMS input current.
Since the step-down converters input current is a sequence of pulses from 0 A to IOUT, the input capacitor must
absorb the equivalent RMS current which can be up to the load current divided by two (worst case, with duty
cycle of 50%). For this reason, the quality of these capacitors must be very high to minimize the power dissipation
generated by the internal ESR, thereby improving system reliability and efficiency.
The RMS input current (flowing through the input capacitor) in step-down conversion is roughly estimated by:
ICIN,RMS≅IOUT⋅ D⋅ 1−D
(7)
Actual DC/DC conversion duty cycle, D=VOUT/VIN, is influenced by a few parameters:
DMAX= VOUT+VF
VIN,MIN−VSW,MAX
DMIN= VOUT+VF
VIN,MAX−VSW,MIN
(8)
where VF is the freewheeling diode forward voltage and VSW the voltage drop across the internal high-side
MOSFET. Considering the range DMIN to DMAX it is possible to determine the maximum ICIN,RMS flowing through
the input capacitor.
The input capacitor value must be dimensioned to safely handle the input RMS current and
to limit the VIN and VCC ramp-up slew-rate to 0.5 V/µs maximum, in order to avoid the device active ESD
protections turn-on.
Different capacitors can be considered:
•
Electrolytic capacitors
These are the most commonly used due to their low cost and wide range of operative voltage. The
only drawback is that, considering ripple current rating requirements, they are physically larger than other
capacitors.
•
Ceramic capacitors
If available for the required value and voltage rating, these capacitors usually have a higher RMS current
rating for a given physical dimension (due to the very low ESR).
The drawback is their high cost.
•
Tantalum capacitor
Small, good quality tantalum capacitors with very low ESR are becoming more available. However, they
can occasionally burn if subjected to very high current, for example when they are connected to the power
supply.
The amount of the input voltage ripple can be roughly overestimated by the following equation:.
VIN,PP=D⋅ 1−D ⋅IOUT
CIN⋅FSW +RES,IN⋅IOUT
(9)
In case of MLCC ceramic input capacitors, the equivalent series resistance (RES,IN) is negligible.
In addition to the above considerations, a ceramic capacitor with an appropriate voltage
rating and with a value 1 µF or higher should always be placed across VIN and power
ground and across VCC and the IC GND pins, as close as possible to the ALED6000 device. This solution is
necessary for spike filtering purposes.
6.2
Output capacitor and inductor selection
The output capacitor is very important in order to satisfy the output voltage ripple requirement. Using a small
inductor value is useful to reduce the size of the choke but increases the current ripple. So, to reduce the output
voltage ripple, a low ESR capacitor is required.
ALED6000
Application information
DS13018 - Rev 4
page 19/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com