Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ALED6000 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 10Page - STMicroelectronics ALED6000 Datasheet HTML 11Page - STMicroelectronics ALED6000 Datasheet HTML 12Page - STMicroelectronics ALED6000 Datasheet HTML 13Page - STMicroelectronics ALED6000 Datasheet HTML 14Page - STMicroelectronics ALED6000 Datasheet HTML 15Page - STMicroelectronics ALED6000 Datasheet HTML 16Page - STMicroelectronics ALED6000 Datasheet HTML 17Page - STMicroelectronics ALED6000 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Figure 10. Dimming operation (falling edge) – VIN=44 V, 12 LED
In Figure 11. Dimming operation – short DIM pulse a very short DIM pulse is shown, measured in the standard
demoboard, VIN=44 V, 12 LEDs. The programmed LED current, 1 A, is reached at the end of the DIM pulse (35
µs).
Figure 11. Dimming operation – short DIM pulse
ALED6000
Digital dimming
DS13018 - Rev 4
page 14/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com