Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ALED6000 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 11Page - STMicroelectronics ALED6000 Datasheet HTML 12Page - STMicroelectronics ALED6000 Datasheet HTML 13Page - STMicroelectronics ALED6000 Datasheet HTML 14Page - STMicroelectronics ALED6000 Datasheet HTML 15Page - STMicroelectronics ALED6000 Datasheet HTML 16Page - STMicroelectronics ALED6000 Datasheet HTML 17Page - STMicroelectronics ALED6000 Datasheet HTML 18Page - STMicroelectronics ALED6000 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
The above consideration is crucial when short DIM pulses are expected in the final application. Once the external
power components and the compensation network are selected, a direct measurement to determine tRISE and
tFALL is necessary to certify the achieved dimming performance.
When DIM is forced above the VDIMH threshold after TDIMTO has elapsed, a new soft-start sequence is performed.
5.4
Error amplifier and light-load management
The error amplifier (E/A) provides the error signal to be compared with the sawtooth to perform the pulse width
modulation. Its non inverting input is internally connected to a 0.25V voltage reference and its inverting input (FB)
and output (COMP) are externally available for feedback and frequency compensation. In this device the error
amplifier is a voltage mode operational amplifier, therefore, with high DC gain and low output impedance.
The uncompensated error amplifier characteristics are summarized in Table 6. Error amplifier characteristics .
Table 6. Error amplifier characteristics
Parameters
Value
Low frequency gain (A0)
100 dB
GBWP
23 MHz
Output voltage swing
0 to 3.5V
Source/sink current capability
3.1 mA / 5 mA
In continuous conduction working mode (CCM), the transfer function of the power section has two poles due to
the LC filter and one zero due to the ESR of the output capacitor. Different kinds of compensation networks can
be used depending on the ESR value of the output capacitor.
If the zero introduced by the output capacitor helps to compensate the double pole of the LC filter, a
type II compensation network can be used. Otherwise, a type III compensation network must be used (see
Section 6.3 Compensation strategy for details on the compensation network design).
In case of light load (i.e. if the output current is lower than the half of the inductor current ripple) the ALED6000
enters pulse-skipping working mode. The HS MOS is kept off if the COMP level is below 200 mV (typ.); when
this bottom level is reached the integrated switch is turned on until the inductor current reaches ISKIP value. So,
in discontinuous conduction working mode (DCM), the HS MOS on-time is only related to the time necessary to
charge the inductor up to ISKIP level.
ISKIP threshold is reduced with increasing RILIM resistor value, as shown also in Table 5. Electrical characteristics
and plotted in Figure 12. ISKIP typical current and RILIM value , so allowing the ALED6000 to work in continuous
conduction mode also in case lower current LEDs is selected.
ALED6000
Error amplifier and light-load management
DS13018 - Rev 4
page 15/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com