| Moteur de recherche de fiches techniques de composants électroniques |
|
SH79F166AP/044PR Fiches technique(PDF) 103 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F166AP/044PR Fiches technique(HTML) 103 Page - SINOWEALTH Electronic Ltd |
|
103 / 113 page ![]() SH79F166A 103 BOOLEAN MANIPULATION Opcode Description Code Byte Cycle CLR C Clear carry flag 0xC3 1 1 CLR bit Clear direct bit 0xC2 2 3 SETB C Set carry flag 0xD3 1 1 SETB bit Set direct bit 0xD2 2 3 CPL C Complement carry flag 0xB3 1 1 CPL bit Complement direct bit 0xB2 2 3 ANL C, bit AND direct bit to carry flag 0x82 2 2 ANL C, /bit AND complement of direct bit to carry 0xB0 2 2 ORL C, bit OR direct bit to carry flag 0x72 2 2 ORL C, /bit OR complement of direct bit to carry 0xA0 2 2 MOV C, bit Move direct bit to carry flag 0xA2 2 2 MOV bit, C Move carry flag to direct bit 0x92 2 3 |