| Moteur de recherche de fiches techniques de composants électroniques |
|
SH79F166AP/044PR Fiches technique(PDF) 54 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F166AP/044PR Fiches technique(HTML) 54 Page - SINOWEALTH Electronic Ltd |
|
54 / 113 page ![]() SH79F166A 54 Table 7.39 Interrupt channel Enable Register BAH, Bank0 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 IENC - - - - EXS43 EXS42 EXS41 EXS40 R/W - - - - R/W R/W R/W R/W Reset Value (POR/WDT/LVR/PIN) - - - - 0 0 0 0 Bit Number Bit Mnemonic Description 3-0 EXS4x (x = 3-0) External interrupt4 channel select bit (x = 3-0) 0: Disable external interrupt 4x 1: Enable external interrupt 4x Table 7.40 Interrupt channel Enable Register1 BBH, Bank0 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 IENC1 - - - - - - ESCM1 ELPD R/W - - - - - - R/W R/W Reset Value (POR/WDT/LVR/PIN) - - - - - - 0 0 Bit Number Bit Mnemonic Description 1 ESCM1 SCM interrupt enable bit 0: Disable SCM interrupt 1: Enable SCM interrupt 0 ELPD LPD interrupt enable bit 0: Disable LPD interrupt 1: Enable LPD interrupt |