| Moteur de recherche de fiches techniques de composants électroniques |
|
SH79F166AP/044PR Fiches technique(PDF) 4 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F166AP/044PR Fiches technique(HTML) 4 Page - SINOWEALTH Electronic Ltd |
|
4 / 113 page ![]() SH79F166A 4 LQFP44: P4.1/INT41/AN1 P4.4/AVREF P4.0/INT40/AN0 P3.6/COM7/LED_C7/AN6 P4.2/INT42/AN2 P4.3/INT43/AN3 LED_S8/SEG8/P1.7 25 24 23 32 31 30 29 28 27 26 1 2 3 4 5 6 7 8 9 10 11 33 12 13 14 15 16 17 18 19 22 21 20 44 43 42 41 40 39 38 37 34 35 36 SH79F166AP VDD P3.7/COM8/LED_C8/AN7 NC P3.4/COM5/LED_C5/AN4 SEG11/P2.2 TXD/SEG10/P2.1 RXD/SEG9/P2.0 SEG12/P2.3 SEG15/P2.6 FLT/SEG14/P2.5 SEG13/P2.4 SEG16/P2.7 SEG17/P0.0 SEG18/P0.1 P3.5/COM6/LED_C6/AN5 LQFP44 Pin Configuration Diagram Note: The out most pin function has the highest priority, and the inner most pin function has the lowest priority (Refer to Pin Configuration Diagram. This means when one pin is occupied by a higher priority function (if enabled) cannot be used as the lower priority functional pin, even when the lower priority function is also enabled. Until the higher priority function is closed by software, can the corresponding pin be released for the lower priority function use. |