Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH79F166AP/044PR Fiches technique(PDF) 93 Page - SINOWEALTH Electronic Ltd

No de pièce SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SINOWEALTH [SINOWEALTH Electronic Ltd]
Site Internet  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Fiches technique(HTML) 93 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 113 page
background image
SH79F166A
93
8.9 Watchdog Timer (WDT) and Reset State
8.9.1 Feature
 Auto detect Program Counter(PC) over range, and generate OVL Reset
 WDT runs even in the Power-Down mode
 Selectable different WDT overflow frequency
OVL Reset
To enhance the anti-noise ability, SH79F166A built in Program Counter (PC) over range detect circuit, if program counter value
is larger than flash romsize, or detect operation code equal to A5H which is not exist in 8051 instruction set, a OVL reset will be
generate to reset CPU, and set WDOF bit. So, to make use of this feature, you should fill unused flash rom with A5H.
Watchdog Timer
The watchdog timer is a down counter, and its clock source is an independent built-in RC oscillator, so it always runs even in the
Power-Down mode. The watchdog timer will generate a device reset when it overflows. It can be enabled or disabled
permanently by the code option.
The watchdog timer control bits (WDT.2-0) are used to select different overflow frequency. The watchdog timer overflow flag
(WDOF) will be automatically set to “1” by hardware when overflow happens. To prevent overflow happen, by reading or writing
the WDT register RSTSTAT, the watchdog timer should re-count before the overflow happens.
There are also some reset flags in this register as below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More