Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF171 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce LF171
Description  PLATINUM SILVER CONDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

LF171 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  LF171 Datasheet HTML 1Page - List of Unclassifed Manufacturers LF171 Datasheet HTML 2Page - List of Unclassifed Manufacturers LF171 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Description
DuPont
LF171
platinum/silver
conductor
composition is intended to be applied to ceramic
substrates by screen printing and firing in a
conveyor
furnace
in
an
air
(oxidizing)
atmosphere.
It has been developed to form
interconnecting tracks and pads for component
and lead attachment, in hybrid microcircuits and
networks.
Product Benefits
 Excellent fine line resolution
 Lead, cadmium, and nickel free*
 Excellent solderability with lead and lead-free
solders.
 Excellent green-strength
 Compatible, sequentially or co-fired, with
DuPont LF151 dielectric as a crossover
*Cadmium, lead and nickel “free” as used herein means that
these are not intentionally added to the referenced product.
Trace amounts however may be present.
Processing Conditions
Printing
200 - 325 mesh stainless steel, 0.3 - 0.5 mil
emulsion. Print speeds up to 20 cm/s.
Drying
Allow prints to level for 5 - 10 minutes at room
temperature, then dry for 10 - 15 minutes at
150ºC.
Firing
850ºC peak held for 10 minutes on 30 minutes
cycle in air (oxidizing) atmosphere.
Composition Properties
DuPont LF171
PLATINUM SILVER CONDUCTOR
Technical Data Sheet
Test
Properties
Viscosity (Pa.s) [Brookfield HBT,
UC&SP @10 rpm, 25°C]
180 - 220
Thinner
DuPont 4553
Retest (months)
6
Typical Composition Properties
Shrinkage (dried to fired) [%]
35 - 40
Mean fired thickness:
(using 200 mesh) [µm]
13 - 19
typical 16
Coverage @ 16µm fired (cm²/g)
70
Resistivity (mΩ/sq @ 16µm)
≤ 2.5
Soldered
Adhesion¹
Initial (N)
≥ 20
¹ 90º wire peel test on 2mm x 2mm pad soldered with 62/36/2 Solder using mildly
activated flux, Alpha 611 on 96% Alumina.
This table shows anticipated typical physical properties for DuPont
LF171 based on specific controlled experiments in our labs and are not
intended to represent the product specifications, details of which are
available upon request.


Numéro de pièce similaire - LF171

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
logo
Caliber Electronics Inc...
LF10 CALIBER-LF10 Datasheet
46Kb / 1P
1.2mm 2 Pin Ceramic Surface Mount Crystal
logo
Tyco Electronics
LF10 MACOM-LF10 Datasheet
102Kb / 2P
NEMA Cabinet Legs
logo
Hirose Electric
LF10-WBJ-11P HIROSE-LF10-WBJ-11P Datasheet
351Kb / 11P
Miniature Waterproof Shielded Connectors
LF10-WBJ-11S HIROSE-LF10-WBJ-11S Datasheet
351Kb / 11P
Miniature Waterproof Shielded Connectors
More results

Description similaire - LF171

FabricantNo de pièceFiches techniqueDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
Platinum Temperature Sensor
logo
IRC - a TT electronics ...
RTD-P1206-42-1000-D IRCTT-RTD-P1206-42-1000-D Datasheet
333Kb / 2P
Platinum Temperature Sensor
logo
List of Unclassifed Man...
PPG102B1 ETC2-PPG102B1 Datasheet
87Kb / 1P
PLATINUM RTD SENSOR
PPG101B1 ETC2-PPG101B1 Datasheet
89Kb / 1P
PLATINUM RTD SENSOR
PPG501C1 ETC2-PPG501C1 Datasheet
87Kb / 1P
PLATINUM RTD SENSOR
PPG102C1 ETC2-PPG102C1 Datasheet
88Kb / 1P
PLATINUM RTD SENSOR
PPG101A1 ETC2-PPG101A1 Datasheet
89Kb / 1P
PLATINUM RTD SENSOR
1344178 ETC2-1344178 Datasheet
97Kb / 2P
Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344187 ETC2-1344187 Datasheet
95Kb / 2P
Stranded silver-coated copper conductor insulation with extruded TFE Teflon
logo
TE Connectivity Ltd
PTFC102BC1G0 TEC-PTFC102BC1G0 Datasheet
79Kb / 3P
Platinum Temperature Sensor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com