Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF171 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce LF171
Description  PLATINUM SILVER CONDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

LF171 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  LF171 Datasheet HTML 1Page - List of Unclassifed Manufacturers LF171 Datasheet HTML 2Page - List of Unclassifed Manufacturers LF171 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Figure 1 - 30 Minutes Profile
Processing
Substrates
Substrates of different compositions and from various
manufacturers may result in variation in performance
properties.
Material is compatible with Al2O3 and BeO
substrates.
Thinner
This composition is optimized for screen printing and
therefore thinning is not normally required. Use the DuPont
recommended thinner for slight adjustments to viscosity or to
replace evaporation losses. The use of too much thinner or
the use of a non-recommended thinner may affect the
rheological behaviour of the material and its printing
characteristics.
General
Performance will depend to a large degree on care exercised
in screen printing.
Care should be taken to keep the
composition, printing screens and other tools free of metal
contamination. Dust, lint and other particulate matter may
also contribute to poor yields.
Storage and Shelf Life
Containers should be stored, tightly sealed, in a clean, stable
environment at room temperature (<25°C).
Shelf life of
material in unopened containers is six months from date of
shipment.
Some settling of solids may occur and
compositions should be thoroughly mixed prior to use.
Safety and Handling
For Safety and Handling information pertaining to this
product, read the Material Safety Data Sheet (MSDS).
For more information on DuPont LF171 or other DuPont Microcircuit
Materials products, please contact your local representative:
Americas
DuPont Microcircuit Materials
14 T.W. Alexander Drive
Research Triangle Park, NC 27709
Tel.: 800-284-3382
Europe
Du Pont (U.K.) Limited
Coldharbour Lane
Bristol BS16 1QD
U.K.
Tel.: 44-117-931-3191
Asia
DuPont Kabushiki Kaisha
MCM Technical Lab
DuPont Electronics Center
KSP R&D B213
2-1, Sakado 3-chom, Takatsu-ku,
Kawasaki-shi, Kanagawa, 213-0012
Japan
Tel +81 44 820 7575
DuPont Taiwan Ltd
45, Hsing-Pont Road,
Taoyuan, Taiwan 330
Tel.: 886-3-377-3616
DuPont China Holding Co. Ltd
Bldg 11, 399 Keyuan Rd., Zhangji Hi-Tech Park,
Pudong New District, Shanghai 201203, China
Tel.: 86-21-6386-6366 ext.2202
DuPont Korea Inc.
3~5th Floor, Asia tower #726,
Yeoksam-dong, Gangnam-gu
Seoul 135-719, Korea
Tel.: 82-10-6385-5399
E. I. DuPont India Private Limited
7th Floor, Tower C, DLF Cyber Greens,
Sector-25A, DLF City, Phase-III,
Gurgaon 122 002 Haryana, India
Tel.: 91-124-4091818
Du Pont Company (Singapore) Pte Ltd
1 HarbourFront Place, #11-01
HarbourFrong Tower One,
Singapore 098633
Tel.: 65-6586-3022
http://mcm.dupont.com



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com