Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF171 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce LF171
Description  PLATINUM SILVER CONDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

LF171 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  LF171 Datasheet HTML 1Page - List of Unclassifed Manufacturers LF171 Datasheet HTML 2Page - List of Unclassifed Manufacturers LF171 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Copyright © 2009 DuPont. All rights reserved. The DuPont Oval, DuPont™, The miracles of science™, Green Tape™ and all products or words denoted with ®
or ™ are registered trademarks or trademarks of E. I. du Pont de Nemours and Company or its affiliates (“DuPont”).
NO PART OF THIS MATERIAL MAY BE REPRODUCED, STORED IN A RETRIEVAL SYSTEM OR TRANSMITTED IN ANY FORM OR BY ANY
MEANS ELECTRONIC, MECHANICAL, PHOTOCOPYING, RECORDING OR OTHERWISE WITHOUT THE PRIOR WRITTEN PERMISSION OF
DUPONT.
Caution: Do not use in medical applications involving implantation in the human body or contact with internal body fluids or tissue unless the product is provided
by DuPont under a formal written contract consistent with the DuPont Policy Regarding Medical Applications of DuPont Materials H-50103-2 (“Medical
Applications Policy”) and which expressly acknowledges the contemplated use. For additional information, please request a copy of DuPont Medical Caution
Statement H-50102-2 and the DuPont Medical Applications Policy.
The information provided herein is offered for the product user’s consideration and examination. While the information is based on data believed to be reliable,
DuPont makes no warranties, expressed or implied as to the data’s accuracy or reliability and assumes no liability arising out of its use. The data shown are the
result of DuPont laboratory experiments and are intended to illustrate potential product performance within a given experimental design under specific, controlled
laboratory conditions. While the data provided herein falls within anticipated normal range of product properties based on such experiments, it should not be used
to establish specification limits or used alone as the basis of design. It is the product user’s responsibility to satisfy itself that the product is suitable for the user’s
intended use. Because DuPont neither controls nor can anticipate the many different end-uses and end-use and processing conditions under which this information
and/or the product described herein may be used, DuPont does not guarantee the usefulness of the information or the suitability of its products in any given
application. Users should conduct their own tests to determine the appropriateness of the products for their particular purpose.
The product user must decide what measures are necessary to safely use the product, either alone or in combination with other products, also taking into
consideration the conditions of its facilities, processes, operations, and its environmental, health and safety compliance obligations under any applicable laws.
This information may be subject to revision as new knowledge and experience become available. This publication is not to be taken as a license to operate under,
or recommendation to infringe any patent.
MCMLF171 (10/2014)



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com