Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPFS250T-FCVG784I Fiches technique(PDF) 57 Page - Microchip Technology

No de pièce MPFS250T-FCVG784I
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784I Fiches technique(HTML) 57 Page - Microchip Technology

Back Button MPFS250T-FCVG784I Datasheet HTML 53Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 54Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 55Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 56Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 57Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 58Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 59Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 60Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 128 page
background image
Unit
–1
STD
Standard
Mbps
500
500
MLVDSE25
Mbps
500
500
LVPECLE33
Mbps
800
800
SSTL25I
Mbps
800
800
SSTL25II
Mbps
800
800
SSTL25I (differential)
Mbps
800
800
SSTL25II (differential)
Mbps
800
800
SSTL18I
Mbps
800
800
SSTL18II
Mbps
800
800
SSTL18I (differential)
Mbps
800
800
SSTL18II (differential)
Mbps
1066
800
SSTL15I
Mbps
1066
800
SSTL15II
Mbps
1066
800
SSTL15I (differential)
Mbps
1066
800
SSTL15II (differential)
Mbps
900
900
HSTL15I
Mbps
900
900
HSTL15II
Mbps
900
900
HSTL15I (differential)
Mbps
900
900
HSTL15II (differential)
Mbps
400
400
HSUL18I
Mbps
400
400
HSUL18II
Mbps
400
400
HSUL18I (differential)
Mbps
400
400
HSUL18II (differential)
Mbps
500
500
PCI
Mbps
500
500
LVTTL (20 mA)
Mbps
500
500
LVCMOS33 (20 mA)
Mbps
500
500
LVCMOS25 (16 mA)
Mbps
500
500
LVCMOS18 (12 mA)
Mbps
500
500
LVCMOS15 (10 mA)
53
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com