Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPFS250T-FCVG784I Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce MPFS250T-FCVG784I
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784I Fiches technique(HTML) 35 Page - Microchip Technology

Back Button MPFS250T-FCVG784I Datasheet HTML 31Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 32Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 33Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 34Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 35Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 36Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 37Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 38Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
Table 34 • SD/SDIO Interface SDR104
Units
Max
Typ
Min
Symbol
Parameter
%
60
40
TDCSDHSCLK1
SD device clock du-
ty cycle
ns
3.2
1.0
TSDSDRCKO1
Clock to output de-
lay, all outputs
UI
0.5
TSDSDR1IVW
Input valid data
window
MHz
200
FSDSDRCLK1
SDR104 mode de-
vice clock frequen-
cy
Table 35 • SD/SDIO Interface SDR50/25
Units
Max
Typ
Min
Symbol
Parameter
%
60
40
TDCSDHSCLK2
SD device clock du-
ty cycle
ns
6.8
1.0
TSDSDRCKO2
Clock to output de-
lay, all outputs
UI
0.3
TSDSDR2IVW
Input valid data
window
MHz
100
FSDSDRCLK2
SDR50 mode device
clock frequency
MHz
50
FSDSDRCLK2
SDR25 mode device
clock frequency
Table 36 • SD/SDIO Interface SDR12
Units
Max
Typ
Min
Symbol
Parameter
%
60
40
TDCSDHSCLK3
SD device clock du-
ty cycle
ns
36.8
1.0
TSDSDRCKO3
Clock to output de-
lay, all outputs
ns
10.0
TSDSDRDCK3
Input setup time,
all inputs
ns
1.5
TSDSDRCKD3
Input hold time, all
inputs
MHz
25
FSDSDRCLK3
SDR12 mode device
clock frequency
31
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com