Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPFS250T-FCVG784I Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce MPFS250T-FCVG784I
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784I Fiches technique(HTML) 29 Page - Microchip Technology

Back Button MPFS250T-FCVG784I Datasheet HTML 25Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 26Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 27Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 28Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 29Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 30Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 31Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 32Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
Condition
Unit
Max (%)
Typ
Min (%)
Description
Parameter
VDDI = 1.5 V
Ω
20
60
–20
VDDI = 1.5 V
Ω
20
120
–20
VDDI = 2.5 V/1.8
V/1.5 V/1.2 V
Ω
20
120
–20
Internal parallel
termination to
VSS
Single-ended
termination to
VSS
4, 5
VDDI = 2.5 V/1.8
V/1.5 V/1.2 V
Ω
20
240
–20
1. Measured across P to N with 400 mV bias.
2. Thevenin impedance is calculated based on independent P and N as measured at 50% of VDDI.
3. For 50 Ω/75 Ω/150 Ω cases, the nearest supported values of 40 Ω/60 Ω/120 Ω are used.
4. Measured at 50% of VDDI.
5. Supported terminations vary with the I/O type regardless of VDDI nominal voltage. Refer to Libero for
available combinations and default settings.
6. When VICM complies with more than one range, use the maximum percentage tolerance of the two
ranges.
25
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com