Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI2R Fiches technique(PDF) 10 Page - Renesas Technology Corp

No de pièce ZSSC3123AI2R
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Fiches technique(HTML) 10 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 6Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 7Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 8Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 9Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 10Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 11Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 12Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 13Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 10
© 2021 Renesas Electronics
5. Electrical Characteristics
Table 4.
Electrical Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
Supply Current
IDD
Update Mode Current (varies with
part configuration) [a]
Best case settings: [b]
Mult 1, 8-bit, 125ms Power Down
60
100
μA
Worst case settings:
Mult 1, 14-bit, 0ms Power Down
750
1100
IPDM
Extra Current with PDM enabled [b]
150
μA
ISLEEP
Sleep Mode Current [a]
-40 to 85°C
0.6
1
μA
-40 to 125°C
1
3
μA
Voltage Levels
VPOR
Power-On-Reset Level
1.6
1.7
2.2
V
VREG
Active Regulated Voltage
Note: Regulated voltage can be
measured on the Vcore pin.
2.4
2.55
2.7
V
Capacitance-to-Digital Converter (CDC)
RESCDC
Resolution
8
14
Bits
fMULT1
Excitation Frequency of External
Capacitances C0 and C1
(for a system frequency fSYS)
Mult 1
fSYS/2
kHz
fMULT2
Mult 2
fSYS/4
kHz
fMULT4
Mult 4
fSYS/8
kHz
fMULT8
Mult 8
fSYS/16
kHz
INLCDC
Integral Nonlinearity (INL) [c]
Mult 1, 10% to 90% input, 14-bit
0.2
%
DNLCDC
Differential Nonlinearity (DNL) [b]
Mult 1, 10% to 90% input, 14-bit
0.9
LSB
EEPROM
nWRI_EEP
Number of Erase/Write Cycles
At 85
C
100k
tWRI_EEP
Data Retention
At 100
C
10
Year
Temperature Conversion
RESTEMP
Resolution in °C [b]
-40 to 125°C, 8-bit mode
0.64
0.96
1.6
°C
-40 to 125°C, 14-bit mode
0.01
0.015
0.025
INLCDC
Nonlinearity First Order Fit [b], [d]
-40 to 125°C
±0.5
±1
°C
INLCDC
Nonlinearity Second Order Fit [b], [e] -40 to 125°C
±0.2
±0.4
°C
PSRTEMP
Voltage Dependency [b]
VSUPPLY > VREG+0.25V
0.03
0.1
°C/V
2.3V ≤ VSUPPLY ≤ VREG + 0.25V
1.25
2.25
PDM Output
VPDM_Range
Output Range [b]
10
90
%VSUPPLY
fPDM
PDM Frequency
fSYS/8
kHz
tSETT
Filter Settling Time [b], [f]
0% to 90% LP filter 10k
/400nF
9.2
ms
VRIPP
Ripple [b], [f]
0% to 90% LP filter 10k
/400nF
1.0
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com