Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI2R Fiches technique(PDF) 30 Page - Renesas Technology Corp

No de pièce ZSSC3123AI2R
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Fiches technique(HTML) 30 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 26Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 27Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 28Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 29Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 30Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 31Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 32Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 33Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 30
© 2021 Renesas Electronics
Status Bits (I2C or SPI)
PDM Output
Definition
10BIN
Not applicable
Command Mode: The ZSSC3123 is in Command Mode.
11BIN
Not used
Not used
Table 17. Diagnostic Detection
I2C or SPI Output
PDM Output
Definition
Saturated output 3FFFHEX
High output (railed) level
A diagnostic fault has occurred in normal operation (see the
following table).
Table 18. Normal Operation Diagnostic Table
Diagnostic
Type
Definition
Configuration Error
Permanent
An EEPROM or RAM parity error occurred in the initial
loading of the configuration registers.
RAM Parity Error
Transient
A RAM parity error occurred during a microcontroller
instruction in the last measurement cycle.
EEPROM Error
Transient
A double-bit error detection (DED) EEPROM error occurred
in the last measurement cycle (see section 10.4.1).
Math Warning
Transient
An internal math overflow has occurred in the last
measurement cycle and the output might be invalid.
10.4.1 EEPROM Error Detection and Correction
The contents of the EEPROM are protected via error checking and correction (ECC). Each of the 32 16-bit words contains 6 parity bits enabling
single-bit error correction (SEC) and double-bit error detection (DED) per word. In Command Mode both SEC and DED errors are reported in
the response byte (see section 11.3). If the fetched EEPROM data has a DED error, then the fetched data will be incorrect; however, if a SEC
error was reported then the fetched data has been corrected, and it is the user’s choice to write the data back to attempt to correct the error.
During Normal Operation Mode, a diagnostic will be flagged on any DED error, but an SEC error will be automatically corrected and not flagged
as a diagnostic.
10.4.2 Alarm Diagnostics
The alarm outputs do not report diagnostics. If diagnostics are needed with alarm outputs, then either digital or PDM outputs must also be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com