Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI2R Fiches technique(PDF) 44 Page - Renesas Technology Corp

No de pièce ZSSC3123AI2R
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Fiches technique(HTML) 44 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 40Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 41Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 42Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 43Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 44Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 45Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 46Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 47Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 44
© 2021 Renesas Electronics
12. EEPROM
The EEPROM array contains the calibration coefficients for gain and offset, etc., and the configuration bits for the analog front-end, output
modes, measurement modes, etc. The ZSSC3123 EEPROM is arranged as 32 16-bit words (see Table 28). The EEPROM is divided into two
sections. Words 0HEX to 15HEX can only be written to if the EEPROM is unlocked. After the EEPROM is locked, these locations can no longer
be written to. The EEPROM lock bits are in the ZMDI_Config register (see Table 28 for the bit assignment). Words 16HEX to 1FHEX (highlighted
blue in Table 28) are always unlocked and available for writing to at all times. See section 11 for instructions on reading and writing to the
EEPROM in Command Mode via the I2C interface. When programming the EEPROM, an internal charge pump voltage is used; therefore a
high voltage supply is not needed.
Note: If the EEPROM was accidentally locked, it can be unlocked with the following instructions (see section 11 for how to send commands).
1. Enter Command Mode with a Start_CM command.
2. Send an A2HEX for the command byte and 0000HEX for the command data.
3. Send an F0HEX for the command byte and 0021HEX for the command data.
4. Clear the EEPROM_Lock bits in the ZMDI_Config register with an EEPROM Write command.
5. Reset the part.
There are four Customer_ID words available for customer use, two in the locked region and two in the unlocked region. They can be used as a
customer serial number for module traceability. (See the following table for Customer_ID EEPROM addresses.) The integrity of the contents of
the EEPROM array is ensured via ECC (see section 10.4.1).
The following table provides a summary of the EEPROM contents. The configuration register bits are explained in detail in the following
subsections.
Table 28. EEPROM Word Assignments
Note: See important notes at the end of the table.
EEPROM Word
Bit Range
IC Default
Name
Description and Notes
00HEX
15:0
XXXXHEX
Cust_ID0
Customer ID byte 0: For use by customer (default value is the
upper 16 bits of the lot number)
01HEX
15:0
XXXXHEX
(LLLLLLLLB
0000ssssB)
Cust_ID1
Customer ID byte 1: For use by customer (default value is the
lower 8 bits of the lot number and an 8 bit wafer number)
02HEX
15:0
0B00HEX
ZMDI_Config
Renesas configuration register (see section 12.1)
03HEX
15:0
0006HEX
Not Available
Do Not Change; must leave at factory settings
04HEX
15:0
00FTHEX
Not Available
Do Not Change; must leave at factory settings [a]
05HEX
15:0
0000HEX
Not Available
Do Not Change; must leave at factory settings
06HEX
15:0
0C06HEX
C_Config
AFE capacitance configuration register (see Table 30)
07HEX
15:0
0000HEX
SOT_tco
2nd order temperature offset correction for capacitance
08HEX
15:0
0000HEX
Tco
Temperature offset correction for capacitance
09HEX
15:0
0000HEX
SOT_tcg
2nd order temperature gain correction for capacitance
0AHEX
15:0
0000HEX
Tcg
Temperature gain correction for capacitance
0BHEX
15:0
0000HEX
Offset
Offset correction for capacitance
0CHEX
15:0
2000HEX
Gain_1
Gain correction for capacitance (region 1)
0DHEX
15:0
0000HEX
SOT_1
2nd order correction for capacitance (region 1)
0EHEX
15:0
2000HEX
Gain_2
Gain correction for capacitance (region 2)
0FHEX
15:0
0000HEX
SOT_2
Or TOT_1
2nd order correction for capacitance (region 2);
alternatively 3rd order correction (only one region)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com