Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6412...ALV Fiches technique(PDF) 95 Page - Texas Instruments

No de pièce AM6412...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6412...ALV Fiches technique(HTML) 95 Page - Texas Instruments

Back Button AM6412...ALV Datasheet HTML 91Page - Texas Instruments AM6412...ALV Datasheet HTML 92Page - Texas Instruments AM6412...ALV Datasheet HTML 93Page - Texas Instruments AM6412...ALV Datasheet HTML 94Page - Texas Instruments AM6412...ALV Datasheet HTML 95Page - Texas Instruments AM6412...ALV Datasheet HTML 96Page - Texas Instruments AM6412...ALV Datasheet HTML 97Page - Texas Instruments AM6412...ALV Datasheet HTML 98Page - Texas Instruments AM6412...ALV Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 244 page
background image
Table 6-80. Connectivity Requirements (continued)
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
G20
F20
E21,
D20
G21
F21
F19
E20
ADC0_AIN0
ADC0_AIN1
ADC0_AIN2
ADC0_AIN3
ADC0_AIN4
ADC0_AIN5
ADC0_AIN6
ADC0_AIN7
Any unused ADC0_AIN[7:0] ball must be pulled to VSS through a
resistor or connected directly to VSS when VDDA_ADC is connected
to a power source.
F7
G6
H7
J6,
K7
L6
J8
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR_C
If DDRSS0 is not used, each of these balls must be connected
directly to VSS.
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More