| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6412...ALV Fiches technique(PDF) 65 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6412...ALV Fiches technique(HTML) 65 Page - Texas Instruments |
|
65 / 244 page ![]() Table 6-15. EPWM0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EHRPWM0_SYNCI I Sync Input to EHRPWM module from an external pin T20 EHRPWM0_SYNCO O Sync Output to EHRPWM module to an external pin U21 Table 6-16. EPWM1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EHRPWM1_A IO EHRPWM Output A U19 EHRPWM1_B IO EHRPWM Output B V20 Table 6-17. EPWM2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EHRPWM2_A IO EHRPWM Output A V19 EHRPWM2_B IO EHRPWM Output B T17 Table 6-18. EPWM3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EHRPWM3_A IO EHRPWM Output A V18 EHRPWM3_B IO EHRPWM Output B Y21 EHRPWM3_SYNCI I Sync Input to EHRPWM module from an external pin Y20 EHRPWM3_SYNCO O Sync Output to EHRPWM module to an external pin R17 Table 6-19. EPWM4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EHRPWM4_A IO EHRPWM Output A R18 EHRPWM4_B IO EHRPWM Output B T21 Table 6-20. EPWM5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EHRPWM5_A IO EHRPWM Output A T19 EHRPWM5_B IO EHRPWM Output B W19 Table 6-21. EPWM6 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EHRPWM6_A IO EHRPWM Output A B14, N16 EHRPWM6_B IO EHRPWM Output B A15, N17 EHRPWM6_SYNCI I Sync Input to EHRPWM module from an external pin C14, R19 EHRPWM6_SYNCO O Sync Output to EHRPWM module to an external pin B15, R20 Table 6-22. EPWM7 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EHRPWM7_A IO EHRPWM Output A P17, P5, W20 EHRPWM7_B IO EHRPWM Output B R2, W21, Y18 Table 6-23. EPWM8 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EHRPWM8_A IO EHRPWM Output A V1, V21 www.ti.com AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 65 Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |