Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6412...ALV Fiches technique(PDF) 70 Page - Texas Instruments

No de pièce AM6412...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6412...ALV Fiches technique(HTML) 70 Page - Texas Instruments

Back Button AM6412...ALV Datasheet HTML 66Page - Texas Instruments AM6412...ALV Datasheet HTML 67Page - Texas Instruments AM6412...ALV Datasheet HTML 68Page - Texas Instruments AM6412...ALV Datasheet HTML 69Page - Texas Instruments AM6412...ALV Datasheet HTML 70Page - Texas Instruments AM6412...ALV Datasheet HTML 71Page - Texas Instruments AM6412...ALV Datasheet HTML 72Page - Texas Instruments AM6412...ALV Datasheet HTML 73Page - Texas Instruments AM6412...ALV Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 244 page
background image
Table 6-36. GPIO1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
GPIO1_12
IO
General Purpose Input/Output
AA3
GPIO1_13
IO
General Purpose Input/Output
R6
GPIO1_14
IO
General Purpose Input/Output
V4
GPIO1_15
IO
General Purpose Input/Output
T5
GPIO1_16
IO
General Purpose Input/Output
U4
GPIO1_17
IO
General Purpose Input/Output
U1
GPIO1_18
IO
General Purpose Input/Output
V1
GPIO1_19
IO
General Purpose Input/Output
W1
GPIO1_20
IO
General Purpose Input/Output
Y2
GPIO1_21
IO
General Purpose Input/Output
W2
GPIO1_22
IO
General Purpose Input/Output
V3
GPIO1_23
IO
General Purpose Input/Output
T4
GPIO1_24
IO
General Purpose Input/Output
W3
GPIO1_25
IO
General Purpose Input/Output
P4
GPIO1_26
IO
General Purpose Input/Output
R5
GPIO1_27
IO
General Purpose Input/Output
W5
GPIO1_28
IO
General Purpose Input/Output
R1
GPIO1_29
IO
General Purpose Input/Output
Y5
GPIO1_30
IO
General Purpose Input/Output
V6
GPIO1_31
IO
General Purpose Input/Output
W4
GPIO1_32
IO
General Purpose Input/Output
Y4
GPIO1_33
IO
General Purpose Input/Output
T6
GPIO1_34
IO
General Purpose Input/Output
U6
GPIO1_35
IO
General Purpose Input/Output
U5
GPIO1_36
IO
General Purpose Input/Output
AA4
GPIO1_37
IO
General Purpose Input/Output
V5
GPIO1_38
IO
General Purpose Input/Output
P5
GPIO1_39
IO
General Purpose Input/Output
R2
GPIO1_40
IO
General Purpose Input/Output
P2
GPIO1_41
IO
General Purpose Input/Output
P3
GPIO1_42
IO
General Purpose Input/Output
D12
GPIO1_43
IO
General Purpose Input/Output
C13
GPIO1_44
IO
General Purpose Input/Output
D13
GPIO1_45
IO
General Purpose Input/Output
A13
GPIO1_46
IO
General Purpose Input/Output
A14
GPIO1_47
IO
General Purpose Input/Output
B14
GPIO1_48
IO
General Purpose Input/Output
D14
GPIO1_49
IO
General Purpose Input/Output
C14
GPIO1_50
IO
General Purpose Input/Output
B15
GPIO1_51
IO
General Purpose Input/Output
A15
GPIO1_52
IO
General Purpose Input/Output
D15
GPIO1_53
IO
General Purpose Input/Output
C16
GPIO1_54
IO
General Purpose Input/Output
B16
GPIO1_55
IO
General Purpose Input/Output
A16
GPIO1_56
IO
General Purpose Input/Output
E15
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
www.ti.com
70
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More