| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F51406BDFK Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F51406BDFK Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 118 page ![]() R01DS0379EJ0110 Rev.1.10 Page 2 of 118 Apr 20, 2022 RX140 Group 1. Overview 1. Overview 1.1 Outline of Specifications Table 1.1 lists the specifications, and Table 1.2 gives a comparison of the functions of the products in different packages. Table 1.1 is for products with the greatest number of functions, so the number of peripheral modules and channels will differ in accordance with the package type. For details, see Table 1.2, Comparison of Functions for Different Packages in the RX140 Group. Table 1.1 Outline of Specifications (1/4) Classification Module/Function Description CPU CPU • Maximum operating frequency: 48 MHz • 32-bit RX CPU (RX v2) • Minimum instruction execution time: One instruction per clock cycle • Address space: 4-Gbyte linear • Register set General purpose: Sixteen 32-bit registers Control: Ten 32-bit registers Accumulator: Two 72-bit registers • Basic instructions: 75 (variable-length instruction format) • Floating point instructions: 11 • DSP instructions: 23 • Addressing modes: 11 • Data arrangement Instructions: Little endian Data: Selectable as little endian or big endian • On-chip 32-bit multiplier: 32-bit × 32-bit → 64-bit • On-chip divider: 32-bit ÷ 32-bit → 32 bits • Barrel shifter: 32 bits FPU • Single precision (32-bit) floating point • Data types and exceptions in conformance with the IEEE754 standard Memory ROM • Capacity: 64 K/128 K/256 Kbytes • 32 MHz ≤: No-wait cycle access • 32 MHz to 48 MHz: One-wait cycle access • Programming/erasing method: Serial programming (asynchronous serial communication), self-programming RAM • Capacity: 16 K/32 K/64 Kbytes • No-wait memory access E2 DataFlash • Capacity: 4 K/8 Kbytes • Number of erase/write cycles: 1,000,000 (typ.) MCU operating mode Single-chip mode Clock Clock generation circuit • Main clock oscillator, sub-clock oscillator, low-speed on-chip oscillator, high-speed on-chip oscillator, PLL frequency synthesizer, and IWDT-dedicated on-chip oscillator • Oscillation stop detection: Available • Clock frequency accuracy measurement circuit (CAC) • Independent settings for the system clock (ICLK), peripheral module clock (PCLK), and FlashIF clock (FCLK) The CPU and system sections such as other bus masters run in synchronization with the system clock (ICLK): 48 MHz (at max.) Peripheral modules run in synchronization with the PCLKB: 32 MHz (at max.) The flash peripheral circuit runs in synchronization with the FCLK: 48 MHz (at max.) • ADCLK in the S12AD runs in synchronization with PCLKD: Up to 48 MHz • The ICLK frequency can only be set to FCLK, PCLKB, or PCLKD multiplied by n (n: 1, 2, 4, 8, 16, 32, 64) Resets RES# pin reset, power-on reset, voltage monitoring reset, independent watchdog timer reset, and software reset Voltage detection Voltage detection circuit (LVDAb) • When the voltage on VCC falls below the voltage detection level, an internal reset or internal interrupt is generated. Voltage detection circuit 0 is capable of selecting the detection voltage from 4 levels Voltage detection circuit 1 is capable of selecting the detection voltage from 14 levels Voltage detection circuit 2 is capable of selecting the detection voltage from 4 levels |