Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F51406BDFK Fiches technique(PDF) 97 Page - Renesas Technology Corp

No de pièce R5F51406BDFK
Description  48-MHz, 32-bit RX MCUs, on-chip FPU, 204 Coremark, up to 256-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 9 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply, Encryption functions (optional)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51406BDFK Fiches technique(HTML) 97 Page - Renesas Technology Corp

Back Button R5F51406BDFK Datasheet HTML 93Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 94Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 95Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 96Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 97Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 98Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 99Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 100Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
R01DS0379EJ0110 Rev.1.10
Page 97 of 118
Apr 20, 2022
RX140 Group
2. Electrical Characteristics
Figure 2.58
Voltage Detection Reset Timing
Figure 2.59
Power-On Reset Timing
Figure 2.60
Voltage Detection Circuit Timing (Vdet0)
Internal reset signal
(active-low)
VCC
tVOFF
tPOR
tdet
VPOR
tdet
1.0V
VPORH
Internal reset signal
(active-low)
VCC
tPOR
VPOR
1.0 V
tw(POR)
*1
tdet
Note 1. tw(POR) is the time required for a power-on reset to be enabled while the external power VCC is being held below the
valid voltage (1.0 V).
When VCC turns on, maintain tw(POR) for 1.0 ms or more.
VPORH
tVOFF
Vdet0
VCC
tdet
tdet
Internal reset signal
(active-low)
VLVH
tLVD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com